Part Number Hot Search : 
1590G 24165SMG 00BC0WF 2SC4963 6121A SWE62250 PL002 CD451
Product Description
Full Text Search
 

To Download 984FB-150M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fixed inductors for cellular phone  3 ?; ? ?
nz { ????? inductance range: 4.7~82h selection guide for standard coils dimensions ? ?
go
$ features ? ?y ? d31fb recommended patterns
* ????
$ 0.5 1.9 0.4 0.8 3.5 max. 1.7 max. ? low profile (3.5mm max. square, thickness : 1.7mm max. height). ? features an open magnetic circuit, but its thin dimensions result in minimum leakage flux and result in minimum electromagnetic interference generated. ? rohs compliant. ? ? ,? nn.byz?^nn.by ? ??iu^u ? t ,m?z? u ?sx? ??w 1u ?sm ? 3p)4|? 0 3.3 3.9 (unit: mm) 1.5 0.5 0.6 1.6 3.3 resist zone (unit: mm) (1) inductance is measured with a lcr meter 4284a* or equivalent. (2) dc resistance is measured with a digital multimeter tr6871 (advantest ) or equivalent. (3) maximum allowable dc current is that which causes a 30 % inductance reduction from the initial value, or coil temperature to rise by 40 ? c, whichever is smaller. (reference ambient temperature 20 ? c ) ? : agilent technologies 
??????x-$3y??" ?hx ? s ?t?? b?{ 
v ?x?????y??53 "ewbouftu
?hx ? s ?t ?? b?{ 
7 g?0 ?vxz v o t ?v?v`h??????w ?u s 8 ????n ?b? v ?v ?z?hx v ?vt??z?? w9 su? w??t ?^m ?pb{  *?9 s??, jqb?{  ? : agilent technologies type d31fb (quantity/reel; 3,000 pcs) f? ? j ?????? 
?0) v ? 
v o t?0 ?v 
9 s ?0 ?v 
toko part number inductance (1) ( h) tolerance (%) dc resistance (2) ( ? ) max. (typ.) inductance decrease current (3) (a) max. (typ.) =10% =30% ? l l ? l l temperature rise current (3) ? t=40c (a) max. (typ.) 984fb-4r7m 4.7 20 0.54 (0.45) 0.93 (1.24) 1.06 (1.42) 0.50 (0.59) 984fb-6r8m 6.8 20 0.66 (0.55) 0.81 (1.08) 0.90 (1.20) 0.44 (0.52) 984fb-8r2m 8.2 20 0.75 (0.63) 0.71 (0.95) 0.83 (1.11) 0.43 (0.51) 984fb-100m 10.0 20 0.83 (0.69) 0.61 (0.81) 0.73 (0.97) 0.41 (0.48) 984FB-150M 15.0 20 1.12 (0.94) 0.53 (0.70) 0.58 (0.78) 0.39 (0.46) 984fb-220m 22.0 20 1.42 (1.19) 0.45 (0.60) 0.50 (0.67) 0.35 (0.42) 984fb-270m 27.0 20 1.68 (1.40) 0.42 (0.56) 0.47 (0.63) 0.30 (0.35) 984fb-330m 33.0 20 1.86 (1.55) 0.38 (0.51) 0.45 (0.61) 0.29 (0.34) 984fb-470m 47.0 20 3.08 (2.57) 0.32 (0.42) 0.37 (0.49) 0.24 (0.29) 984fb-560m 56.0 20 3.49 (2.91) 0.29 (0.38) 0.34 (0.45) 0.23 (0.28) 984fb-680m 68.0 20 4.44 (3.70) 0.26 (0.35) 0.31 (0.41) 0.19 (0.23) 984fb-820m 82.0 20 5.11 (4.26) 0.24 (0.32) 0.28 (0.37) 0.18 (0.22)


▲Up To Search▲   

 
Price & Availability of 984FB-150M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X